this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0714360164 status: active description: 1.00mm (.039") pitch mezzanine ieee 1386 plug, surface mount, dual row, vertical stacking, 64 circuits, 6.35mm (.250") unmated height, with pcb locator pegs, without robotic placement metal cap, tube packaging documents: 3d model product specification ps-71436-9999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 71436 application board-to-board molexkits yes product name mezzanine physical breakaway no circuits (loaded) 64 circuits (maximum) 64 color - resin natural flammability 94v-0 glow-wire compliant no lock to mating part none mated height (in) 0.315 in mated height (mm) 8.00 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention none pcb thickness recommended (in) 0.040 in pcb thickness recommended (mm) 1.00 mm packaging type tube pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 76.4 plating min: termination (m) 1.91 polarized to mating part no shrouded fully stackable no temperature range - operating -55c to +85c termination interface: style surface mount electrical current - maximum per contact 1a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71436 series mates with 714390 for stack height 8.00mm (.315")
voltage - maximum 100v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 material info reference - drawing numbers packaging specification pk-70873-0607, pk-70873-063 product specification ps-71436-9999, rps-71436-002, rps-71436-003 sales drawing sda-71436-0*** this document was generated on 06/08/2010 please check www.molex.com for latest part information
|